| データシートサーチシステム |
|
910GL データシート(PDF) 57 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
910GL データシート(HTML) 57 Page - Intel Corporation |
|
57 / 426 page ![]() Register Description R Datasheet 57 Figure 3-2. Register Organization (Representative of the Intel ® 82915G GMCH) 000h VC1 (Isochronous) Port Arbitration Controls Reg_Org_82915G (G)MCH-ICH6 Serial Interface (DMI) Controls: Analog Controls Error Reporting Controls VC Control (Incl. VCp) PCI Express* Egress Port (RCRB) DMI Root Complex Register Block (RCRB) Accessed only by PCI Express enhanced access mechanism. 4KB block allocated for each potential device in root hierarchy. PCI Express Address Range Device 2 Range Device 1 Range Device 0 Range Thermal Sensor PSB Analog Controls (Rcomp+) CH 0/1 Analog Controls CH 0/1 Timing Controls Ch 0/1 Throttling Ch 0/1 Oranization Arviter Controls Device 0 MMIO Registers: (G)MCH Control Unused Device 0 Configuration Registers Device Level Controls, PAM EPBAR DMI BAR PCIEXBAR MCHBAR 000h 0FFh FFFh PCI Express x16 Controls: Analog Controls Error Reporting Controls VC Controls Hot Plug/Slot Controls Device 1 Configuration Registers: PCI Express X16 Device Level Controls 000h 0FFh FFFh Unused Device 2 Configuration Registers: Internal Graphics Mirror of bits needed by graphics driver graphics thermal controls 000h 0FFh FFFh Note: Diagram not to scale 0000h 3FFFh 0000 0000h 0FFF FFFFh 000h FFFh FFFh NOTES: 1. Very high level representation. Many details omitted. 2. Inter graphics memory mapped registers are not shown. 3. Only Device 1 use PCI Express extended configuration space. 4. Device 0 and Device 2 use only standard PCI configuration space. 5. Hex numbers represent address range size and not actual locations. Table 3-1. Device Number Assignment for Internal (G)MCH Devices (G)MCH Function Device# Host Bridge / DRAM Controller Device 0 Host-to-PCI Express* Bridge (virtual P2P) (Intel ® 82915G/82915P/82915PL (G)MCH only) Device 1 Internal Graphics Control (82915G/82915GV/82915GL/82910GL GMCH only) Device 2 |