| データシートサーチシステム |
|
910GL データシート(PDF) 218 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
910GL データシート(HTML) 218 Page - Intel Corporation |
|
218 / 426 page ![]() System Address Map R 218 Datasheet 11.4.3 SMM Space Combinations When High SMM is enabled, the Compatible SMM space is effectively disabled. Processor originated accesses to the Compatible SMM space are forwarded to PCI Express if this VGA capability is enabled; otherwise, they are forwarded to the DMI. PCI Express and DMI originated accesses are never allowed to access SMM space. Table 11-5. SMM Space Table Global Enable G_SMRAME High Enable H_SMRAM_EN TSEG Enable TSEG_EN Compatible (C) Range High (H) Range TSEG (T) Range 0 X X Disable Disable Disable 1 0 0 Enable Disable Disable 1 0 1 Enable Disable Enable 1 1 0 Disabled Enable Disable 1 1 1 Disabled Enable Enable 11.4.4 SMM Control Combinations The G_SMRAME bit provides a global enable for all SMM memory. The D_OPEN bit allows software to write to the SMM ranges without being in SMM mode. BIOS software can use this bit to initialize SMM code at powerup. The D_LCK bit limits the SMM range access to only SMM mode accesses. The D_CLS bit causes SMM data accesses to be forwarded to the DMI or PCI Express. The SMM software can use this bit to write to video memory while running SMM code out of DRAM. Table 11-6. SMM Control Table G_SMRAME D_LCK D_CLS D_OPEN Processor in SMM Mode SMM Code Access SMM Data Access 0 x X x x Disable Disable 1 0 X 0 0 Disable Disable 1 0 0 0 1 Enable Enable 1 0 0 1 x Enable Enable 1 0 1 0 1 Enable Disable 1 0 1 1 x Invalid Invalid 1 1 X x 0 Disable Disable 1 1 0 x 1 Enable Enable 1 1 1 x 1 Enable Disable |