| データシートサーチシステム |
|
910GL データシート(PDF) 414 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
910GL データシート(HTML) 414 Page - Intel Corporation |
|
414 / 426 page ![]() Testability R 414 Datasheet 15.6 DDR2 XOR Chains The tables in this section list all of the pads used in DDR2 XOR testing. Any pads not listed in the table can be considered part of the exclude list. Note: The DDR2 XOR Chain information is based on the 82915G GMCH. Differences for the 82915GV GMCH and 82915P MCH are indicated in the “Comments” column. Table 15-13. DDR2 XOR Chain #0 Pin Count Ball # DDR2 Signal Name Comments 1 M15 DDC_CLK RSV on the 82915P 2 M14 ICH_SYNC# 3 K16 EXTTS# 4 L14 DDC_DATA RSV on the 82915P 5 K13 SDVO_CTRLDATA RSV on the 82915P 6 J13 SDVO_CTRLCLK RSV on the 82915P 7 G16 RSV 8 G24 HCPURST# 9 K17 HD44 10 M18 HD42 11 K18 HD43 12 F17 HD47 13 M19 HD38 14 K21 HD39 15 K19 HDINV2# 16 H18 HD46 17 J19 HDSTBP2# 18 F19 HDSTBN2# 19 G18 HD45 20 K22 HD34 21 M21 HD36 22 J21 HD35 23 H20 HD40 24 H19 HD41 25 J24 HD33 26 J22 HD32 27 H23 HD37 28 A25 HD48 29 A29 HD55 30 D27 HD60 31 B26 HDINV3# 32 B29 HDSTBP3# 33 C29 HDSTBN3# 34 C25 HD58 35 B30 HD51 36 E27 HD24 |