データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM805RM6E データシート(PDF) 27 Page - STMicroelectronics

部品番号 STM805RM6E
部品情報  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805RM6E データシート(HTML) 27 Page - STMicroelectronics

Back Button STM805RM6E Datasheet HTML 23Page - STMicroelectronics STM805RM6E Datasheet HTML 24Page - STMicroelectronics STM805RM6E Datasheet HTML 25Page - STMicroelectronics STM805RM6E Datasheet HTML 26Page - STMicroelectronics STM805RM6E Datasheet HTML 27Page - STMicroelectronics STM805RM6E Datasheet HTML 28Page - STMicroelectronics STM805RM6E Datasheet HTML 29Page - STMicroelectronics STM805RM6E Datasheet HTML 30Page - STMicroelectronics STM805RM6E Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
STM690, STM704, STM795, STM802, STM804, STM805, STM806 Typical operating characteristics
Doc ID 10519 Rev 9
27/42
Figure 29.
RST output voltage vs. supply voltage
Figure 30.
Power-fail comparator response time (assertion)
AI09150b
0
1
2
3
4
5
0
1
2
3
4
5
VRST
VCC
500 ms / div
5V
1.3 V
PFI
1V/div
0V
500 mV / div
0V
500 ns / div
AI09153b
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42