| データシートサーチシステム |
|
STM805RM6E データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM805RM6E データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 42 page ![]() DC and AC parameters STM690, STM704, STM795, STM802, STM804, STM805, STM806 32/42 Doc ID 10519 Rev 9 Figure 36. MR timing waveform 1. RST for STM805. Figure 37. Watchdog timing AI07837a RST (1) MR tMLRL trec tMLMH AI07891 RST WDI VCC trec tWD Table 7. DC and AC characteristics Sym Alter- native Description Test condition(1) Min Typ Max Unit VCC, VBAT (2) Operating voltage TA = –40 to +85 °C 1.1(3) 5.5 V ICC VCC supply current Excluding IOUT (VCC < 5.5 V) 40 60 µA Excluding IOUT (VCC < 3.6 V) 35 50 µA VCC supply current in battery backup mode Excluding IOUT (VBAT = 2.3 V, VCC = 2.0 V, MR = VCC) 25 35 µA IBAT (4) VBAT supply current in battery backup mode Excluding IOUT (VBAT = 3.6 V) 0.4 1.0 µA VOUT1 VOUT voltage (active) IOUT1 = 5 mA (5) VCC – 0.03 VCC – 0.015 V IOUT1 = 75 mA VCC – 0.3 VCC – 0.15 V IOUT1 = 250 µA, VCC > 2.5 V (5) VCC – 0.0015 VCC – 0.0006 V VOUT2 VOUT voltage (battery backup) IOUT2 = 250 µA, VBAT = 2.3 V VBAT – 0.1 VBAT – 0.034 V IOUT2 = 1 mA, VBAT = 2.3 V VBAT – 0.14 V VCC to VOUT on-resistance 3 4 Ω |