| データシートサーチシステム |
|
STM805RM6E データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM805RM6E データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 42 page ![]() STM690, STM704, STM795, STM802, STM804, STM805, STM806 DC and AC parameters Doc ID 10519 Rev 9 31/42 5 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics tables that follow, are derived tests performed under the measurement conditions summarized in Table 6. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Figure 34. E to ECON propagation delay test circuit 1. CL includes load capacitance and scope probe capacitance. Figure 35. AC testing input/output waveforms Table 6. Operating and AC measurement conditions Parameter STM690/704/795/ 802/804/805/806 Unit VCC/VBAT supply voltage 1.0 to 5.5 V Ambient operating temperature (TA) –40 to 85 °C Input rise and fall times ≤ 55ns Input pulse voltages 0.2 to 0.8 VCC V Input and output timing ref. voltages 0.3 to 0.7 VCC V AI08854 VBAT ECON VCC VCC 3.6 V 50 pF C L (1) 25 equivalent source impedance 50 cable 50 50 STM690/704/ 795/802/804/ 805/806 GND E AI02568 0.8 V CC 0.2 V CC 0.7 V CC 0.3 V CC |