データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MFSYS35 データシート(PDF) 12 Page - Intel Corporation

部品番号 MFSYS35
部品情報  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 データシート(HTML) 12 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 8Page - Intel Corporation MFSYS35 Datasheet HTML 9Page - Intel Corporation MFSYS35 Datasheet HTML 10Page - Intel Corporation MFSYS35 Datasheet HTML 11Page - Intel Corporation MFSYS35 Datasheet HTML 12Page - Intel Corporation MFSYS35 Datasheet HTML 13Page - Intel Corporation MFSYS35 Datasheet HTML 14Page - Intel Corporation MFSYS35 Datasheet HTML 15Page - Intel Corporation MFSYS35 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
System Overview
Intel® Modular Server System MFSYS25/MFSYS35 TPS
2.2.1
Compute Module
The Intel
® Modular Server System MFSYS25/MFSYS35 supports up to six compute modules.
Each of these general-purpose servers provides the following minimum features:
Processor(s)
Memory
Integrated Baseboard management controller
Network interface
Each server connects to the chassis management module, storage controllers and switch
modules via the midplane board. The midplane also distributes the 12V power from the power
supplies to the compute modules. The servers connect to the shared storage (14 SAS drives in
the Intel
® Modular Server System MFSYS25 and 6 SAS/SATA drives in the Intel® Modular
Server System MFSYS35) via the storage controller(s) in the rear of the chassis.
See the individual Intel
® Compute Module Technical Product Specification for model-specific
information about your compute module(s).
2.2.2
Storage Enclosure
The Intel
® Modular Server System MFSYS25/MFSYS35 supports an optional hard disk drive
storage enclosure and has the following minimum features:
Bays for 14 hot-swap 2.5-inch SAS hard disk drives in the Intel
® Modular Server System
MFSYS25 and six (6) 3.5-inch SAS/SATA hard drives in the Intel
® Modular Server
System MFSYS35
At least one storage controller in an I/O slot
Because hard disk drives have different cooling, power, and vibration characteristics, Intel
validates specific hard disk drive types in the platforms. See the Intel
® Modular Server System
MFSYS25/MFSYS35
Tested Hardware and Operating System List for a list of qualified drives.
2.2.3
I/O Cooling Module
The I/O cooling module consists of six fans that operate in a (3 + 3) cooling redundancy in a
hot-swap module with power and failure indicators. These fans provide cooling for all I/O
modules. This module is accessible from the front of the system even though it cools the I/O
modules in the rear of the system.
6
Revision 1.3
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52