| データシートサーチシステム |
|
MFSYS35 データシート(PDF) 42 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS35 データシート(HTML) 42 Page - Intel Corporation |
|
42 / 52 page ![]() Product Regulatory Requirements Intel® Modular Server System MFSYS25/MFSYS35 TPS 36 Revision 1.3 Requirement Country Marking 金属部件 (Metal Parts) 印刷板.件 (Printed Board Assemblies (PBA)) ○:表'.有毒有害物.在.部件所有均.材料中的含量均在SJ/T 11363-2006 .准.定的 限量要求以下。 ○: Indicates that this hazardous substance contained in all homogeneous materials of this part is below the limit requirement in SJ/T 11363-2006. ×:表'.有毒有害物.至少在.部件的某一均.材料中的含量超出SJ/T 11363-2006 .准 .定的限量要求。 ×: Indicates that this hazardous substance contained in at least one of the homogeneous materials of this part is above the limit requirement in SJ/T 11363-2006. 售之日的所售.品,本表'示我公司供..的.子信息.品可能'含.些物.。注意:在 所售.品中可能'也可能'会含有所有所列的部件 This table shows where these substances may be found in the supply chain of our electronic information products, as of the date of sale of the enclosed product. Note that some of the component types listed above may or may not be a part of the enclosed product. Intel order number E15155-005 |