| データシートサーチシステム |
|
MFSYS35 データシート(PDF) 47 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS35 データシート(HTML) 47 Page - Intel Corporation |
|
47 / 52 page ![]() Intel® Modular Server System MFSYS25/MFSYS35 TPS Product Regulatory Requirements Revision 1.3 4.4.4 VCCI (Japan) English translation of the notice above: This is a Class A product based on the standard of the Voluntary Control Council for Interference (VCCI) from Information Technology Equipment. If this is used near a radio or television receiver in a domestic environment, it may cause radio interference. Install and use the equipment according to the instruction manual. Recycle battery in accordance with applicable WEEE and Battery laws. Perchlorate Material - special handling may apply. See: http://www.dtsc.ca.gov/hazardouswaste/perchlorate This notice is required by California Code of Regulations, Title 22, Division 4.5, Chapter 33: Best Management Practices for Perchlorate Materials. This product/part includes a battery which contains perchlorate material. 4.4.5 BSMI (Taiwan) The BSMI Certification Marking and EMC warning is located on the outside rear area of the product. Recycle battery in accordance with applicable WEEE and Battery laws. Intel order number E15155-005 41 |