| データシートサーチシステム |
|
MFSYS35 データシート(PDF) 27 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS35 データシート(HTML) 27 Page - Intel Corporation |
|
27 / 52 page ![]() Intel® Modular Server System MFSYS25/MFSYS35 TPS System Details Figure 14. Rear View of Midplane Board 3.4 Compute Module This section describes the platform’s compute module at a high level. Refer to the Intel ® Compute Module MFS5000SI Technical Product Specification for additional details. 3.4.1 Introduction The Intel ® Modular Server System MFSYS25/MFSYS35 architecture allows new compute modules to be developed around future processor/chipset combinations without any change to the rest of the system. Given that processor/chipset improvements have occurred more frequently than other technologies, such as I/O and storage, the compute module should be updated more often than other components in the system. Revision 1.3 Intel order number E15155-005 21 |