データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33810 データシート(PDF) 4 Page - Freescale Semiconductor, Inc

部品番号 33810
部品情報  Automotive Engine Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 データシート(HTML) 4 Page - Freescale Semiconductor, Inc

  33810 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33810
PIN CONNECTIONS
9
OUTEN
Input
Output Enable
The Output Enable pin (OUTEN) is an active low input. When the OUTEN
pin is low, the device outputs are active. The outputs are disabled when
OUTEN is high.
29
MAXI
Output
Maximum Ignition Coil
Current
This pin is the Maximum Ignition Coil Current output flag. This output is
asserted when the IGBT Collector-Emitter current exceeds the selected
level of the DAC. This signal also latches off the gate pre-drive outputs
when configured as a General Purpose Gate pre-Driver. The MAXI
current level is determined by the voltage drop across an external sense
resistor connected to pins RSP and RSN.
28
NOMI
Output
Nominal Ignition Coil
Current
This pin is the Nominal Ignition Coil Current output flag. This output is
asserted when the IGBT Collector-Emitter current exceeds the level
selected by the DAC.
2, 15, 31, 18
FB0 - FB3
Input
Feedback Voltage
Sense
In IGBT ignition gate pre-driver mode, these feedback inputs monitor the
IGBT's collector voltage to provide the spark duration timer control signal.
3, 14, 30,19
GD0 -GD3
Output
Gate Drive Output
IGBT/General Purpose Gate pre-driver outputs are controlled by GIN0 -
GIN3. Pull-up and pull-down current sources are used to provide a
controlled slew rate to an external IGBT or MOSFET connected as a low
side driver.
26
RSP
Input
Resistor Sense
Positive
This pin is the Positive input of a current sense amplifier.
27
RSN
Input
Resistor Sense
Negative
This pin is the Negative input of a current sense amplifier.
1, 16, 32, 17 OUT0 -OUT3
Output
Low Side Injector
Driver Output
These pin are the Open drain low side injector driver outputs.
Table 1. 33810 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 13.
Pin Number
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com