データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33810 データシート(PDF) 10 Page - Freescale Semiconductor, Inc

部品番号 33810
部品情報  Automotive Engine Control IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 データシート(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33810
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions of 3.0 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 32 V, -40°C ≤ TC ≤ 125°C, and calibrated
timers, unless otherwise noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR
= 13 V, TA = 25
°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Required Low State Duration on VPWR for Under-voltage Detect
VPWR ≤ 0.2 V
tUV
1.0
μs
Required Low State Duration on VDD for Power On Reset
VDD ≤ 0.2 V
tRESET
1.0
μs
INJECTOR DRIVERS
Output ON Current Limit Fault Filter Timer (Short to Battery Fault)
tSC
30
60
90
µs
Output ON Open Circuit Fault Filter Timer
t(ON)OC
3.0
7.5
12
ms
Output Retry Timer
tREF
10
15
ms
Output OFF Open Circuit Fault Filter Timer
t(OFF)OC
100
400
µs
Output Slew Rate (No faster than 1.5
μs from off to on and on to off)
RLOAD = 14 Ω, VLOAD = 14 V
tSR(RISE)
1.0
5.0
10
V/
μs
Output Slew Rate
RLOAD = 14 Ω, VLOAD = 14 V
tSR(FALL)
1.0
5.0
10
V/
μs
Propagation Delay (Input Rising Edge OR CS to Output Falling Edge)
Input @ 50%VDD to Output voltage 90% of VLOAD
tPHL
1.0
5.0
µs
Propagation Delay (Input Falling Edge OR CS to Output Rising Edge)
Input @ 50%VDD to Output voltage 10% of VLOAD
tPLH
1.0
5.0
µs
IGNITION & GENERAL PURPOSE GATE DRIVER PARAMETERS
Propagation Delay (GINx Input Rising Edge OR CS to Output Rising Edge)
Input @ 50%VDD to Output voltage 10% of VGS(ON)
tPLH
0.2
1.0
µs
Propagation Delay (Input Falling Edge OR CS to Output Falling Edge)
Input @ 50%VDD to Output voltage 90% of VGS(ON)
tPHL
0.2
1.0
µs
IGNITION PARAMETERS
Open Secondary Fault Timer accuracy (uncalibrated)
-35
35
%
Maximum Dwell Timer Accuracy (uncalibrated)
-35
35
%
End of Spark Filter Accuracy (uncalibrated)(13)
-35
35
%
Notes
13.
This parameter is guaranteed by design, however it is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com