| データシートサーチシステム |
|
AFS090 データシート(PDF) 282 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS090 データシート(HTML) 282 Page - Microsemi Corporation |
|
282 / 334 page ![]() DC and Power Characteristics 3- 32 R e visio n 2 Power Consumption Table 3-18 • Power Consumption Parameter Description Condition Min. Typical Max. Units Crystal Oscillator ISTBXTAL Standby Current of Crystal Oscillator 10 µA IDYNXTAL Operating Current RC 0.6 mA 0.032–0.2 0.19 mA 0.2–2.0 0.6 mA 2.0–20.0 0.6 mA RC Oscillator IDYNRC Operating Current 1 mA ACM Operating Current (fixed clock) 200 µA/MHz Operating Current (user clock) 30 µA NVM System NVM Array Operating Power Idle 795 µA Read operation See Table 3-15 on page 3-23. See Table 3-15 on page 3-23. Erase 900 µA Write 900 µA PNVMCTRL NVM Controller Operating Power 20 µW/MHz |