| データシートサーチシステム |
|
AFS090 データシート(PDF) 97 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS090 データシート(HTML) 97 Page - Microsemi Corporation |
|
97 / 334 page ![]() Fusion Family of Mixed Signal FPGAs R e visio n 2 2 - 81 GDON0 to GDON9 10 Input Control to power MOS – 1 per quad Analog Quad TMSTB0 to TMSTB9 10 Input Temperature monitor strobe – 1 per quad; active high Analog Quad DAVOUT0, DACOUT0, DATOUT0 to DAVOUT9, DACOUT9, DATOUT9 30 Output Digital outputs – 3 per quad Analog Quad DENAV0, DENAC0, DENAT0 to DENAV9, DENAC9, DENAT9 30 Input Digital input enables – 3 per quad Analog Quad AV0 1 Input Analog Quad 0 Analog Quad AC0 1 Input Analog Quad AG0 1 Output Analog Quad AT0 1 Input Analog Quad ATRETURN01 1 Input Temperature monitor return shared by Analog Quads 0 and 1 Analog Quad AV1 1 Input Analog Quad 1 Analog Quad AC1 1 Input Analog Quad AG1 1 Output Analog Quad AT1 1 Input Analog Quad AV2 1 Input Analog Quad 2 Analog Quad AC2 1 Input Analog Quad AG2 1 Output Analog Quad AT2 1 Input Analog Quad ATRETURN23 1 Input Temperature monitor return shared by Analog Quads 2 and 3 Analog Quad AV3 1 Input Analog Quad 3 Analog Quad AC3 1 Input Analog Quad AG3 1 Output Analog Quad AT3 1 Input Analog Quad AV4 1 Input Analog Quad 4 Analog Quad AC4 1 Input Analog Quad AG4 1 Output Analog Quad AT4 1 Input Analog Quad ATRETURN45 1 Input Temperature monitor return shared by Analog Quads 4 and 5 Analog Quad AV5 1 Input Analog Quad 5 Analog Quad AC5 1 Input Analog Quad AG5 1 Output Analog Quad AT5 1 Input Analog Quad AV6 1 Input Analog Quad 6 Analog Quad AC6 1 Input Analog Quad Table 2-36 • Analog Block Pin Description (continued) Signal Name Number of Bits Direction Function Location of Details |