| データシートサーチシステム |
|
AFS090 データシート(PDF) 78 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS090 データシート(HTML) 78 Page - Microsemi Corporation |
|
78 / 334 page ![]() Device Architecture 2- 62 R e visio n 2 DINA and DINB These are the input data signals, and they are nine bits wide. Not all nine bits are valid in all configurations. When a data width less than nine is specified, unused high-order signals must be grounded (Table 2-29). DOUTA and DOUTB These are the nine-bit output data signals. Not all nine bits are valid in all configurations. As with DINA and DINB, high-order bits may not be used (Table 2-29). The output data on unused pins is undefined. Table 2-29 • Unused/Used Input and Output Data Pins for Various Supported Bus Widths D×W DINx/DOUTx Unused Used 4k×1 [8:1] [0] 2k×2 [8:2] [1:0] 1k×4 [8:4] [3:0] 512×9 None [8:0] Note: The "x" in DINx and DOUTx implies A or B. |