| データシートサーチシステム |
|
AFS090 データシート(PDF) 119 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AFS090 データシート(HTML) 119 Page - Microsemi Corporation |
|
119 / 334 page ![]() Fusion Family of Mixed Signal FPGAs R e visio n 2 2 - 103 Gain Error The gain error of an ADC indicates how well the slope of an actual transfer function matches the slope of the ideal transfer function. Gain error is usually expressed in LSB or as a percent of full-scale (%FSR). Gain error is the full-scale error minus the offset error (Figure 2-82). Gain Error Drift Gain-error drift is the variation in gain error due to a change in ambient temperature, typically expressed in ppm/°C. Figure 2-82 • Gain Error Input Voltage to Prescaler Ideal Output Actual Output Gain = 2 LSB 1...11 0...00 |