データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DFN322 データシート(PDF) 5 Page - Diodes Incorporated

部品番号 DFN322
部品情報  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN322 データシート(HTML) 5 Page - Diodes Incorporated

  DFN322 Datasheet HTML 1Page - Diodes Incorporated DFN322 Datasheet HTML 2Page - Diodes Incorporated DFN322 Datasheet HTML 3Page - Diodes Incorporated DFN322 Datasheet HTML 4Page - Diodes Incorporated DFN322 Datasheet HTML 5Page - Diodes Incorporated DFN322 Datasheet HTML 6Page - Diodes Incorporated DFN322 Datasheet HTML 7Page - Diodes Incorporated DFN322 Datasheet HTML 8Page - Diodes Incorporated DFN322 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
AP02002 Rev. 60
5 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
U-DFN1616-6
Type E
X1-DFN1616-6
Type E
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.02
A3
—
—
0.13
b
0.20
0.30
0.25
b1
0.10
0.30
0.20
D
1.55
1.65
1.60
D2
0.57
0.77
0.67
E
1.55
1.65
1.60
E2
1.30
1.50
1.40
e
—
—
0.50
L
0.25
0.35
0.30
L1
0.52
0.72
0.62
Z
—
—
0.175
All Dimensions in mm
U-DFN1616-8
U-DFN1616-8
Dim
Min
Max
Typ
A
0.545 0.605 0.575
A1
0
0.05
0.02
A3
-
-
0.13
b
0.15
0.25
0.20
D
1.55
1.675
1.60
D2
0.35
0.55
0.45
E
1.55
1.675
1.60
e
-
-
0.40
E2
0.90
1.10
1.00
L
0.25
0.35
0.30
All Dimensions in mm
D
E
e
b(6X)
L(2X)
A
A3
Z(4X)
A1
L1
b1
E2
D2
b
D
e
L
D2
E
E2
e
A1
A
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51