| データシートサーチシステム |
|
DFN322 データシート(PDF) 10 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DFN322 データシート(HTML) 10 Page - Diodes Incorporated |
|
10 / 51 page ![]() AP02002 Rev. 60 10 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated U-DFN2626-10 U-DFN2626-10 Dim Min Max Typ A 0.57 0.63 0.60 A1 0 0.05 0.03 A3 - - 0.15 b 0.20 0.30 0.25 D 2.55 2.675 2.60 D2 2.05 2.25 2.15 E 2.55 2.675 2.60 E2 1.16 1.36 1.26 e 0.50 BSC L 0.30 0.40 0.35 All Dimensions in mm U-DFN3016-12 U-DFN3016-12 Dim Min Max Typ A 0.545 0.605 0.575 A1 0 0.05 0.02 A3 - - 0.13 b 0.20 0.30 0.25 D 2.95 3.075 3.00 D2 2.10 2.30 2.20 e - - 0.50 E 1.55 1.675 1.60 E2 0.30 0.50 0.40 L 0.28 0.38 0.33 All Dimensions in mm U-DFN3020-8 Type E U-DFN3020-8 Type E Dim Min Max Typ A 0.57 0.63 0.60 A1 0 0.05 0.02 A3 - - 0.15 b 0.25 0.35 0.30 D 2.95 3.075 3.00 D1 0.90 1.10 1.00 E 1.95 2.075 2.00 E1 0.80 1.00 0.90 e - - 0.65 L 0.30 0.40 0.35 Z - - 0.375 All Dimensions in mm D D2 E e b L E2 R0 .10 0 C'0.2x45° A A1 A3 (Pin #1 ID) D2/2 E2/2 Seating Plane A A1 A3 D e E E2 L (12x) b (12x) D2 D E e b L (Pin #1 ID) D1 E1 Z A A1 A3 Seating Plane |