| データシートサーチシステム |
|
DFN322 データシート(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DFN322 データシート(HTML) 4 Page - Diodes Incorporated |
|
4 / 51 page ![]() AP02002 Rev. 60 4 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated X1-DFN1411-3 X1-DFN1411-3 Dim Min Max Typ A 0.47 0.53 0.50 A1 0 0.05 0.02 b 0.25 0.35 0.30 D 1.35 1.475 1.40 D2 0.65 0.85 0.75 E 1.05 1.175 1.10 E2 0.65 0.85 0.75 e - - 0.55 L 0.225 0.325 0.275 L1 - - 0.20 All Dimensions in mm X1-DFN1612-6 / X2-DFN1310-6 X1-DFN1612-6 Dim Min Max Typ A 0.47 0.53 0.50 A1 0 0.05 0.02 A3 - - 0.13 b 0.15 0.25 0.20 D 1.55 1.675 1.60 d - - 0.25 D2 0.40 0.60 0.50 E 1.15 1.28 1.20 e - - 0.40 E2 0.45 0.65 0.55 f - - 0.15 L 0.20 0.30 0.25 Z - - 0.10 All Dimensions in mm X2-DFN1310-6 Dim Min Max Typ A - 0.40 - A1 0 0.05 0.02 A3 - - 0.13 b 0.10 0.20 0.15 D 1.25 1.38 1.30 d - - 0.25 D2 0.30 0.50 0.40 E 0.95 1.075 1.00 e - - 0.35 E2 0.30 0.50 0.40 f - - 0.10 L 0.20 0.30 0.25 Z - - 0.05 All Dimensions in mm U-DFN1616-6 U-DFN1616-6 Dim Min Max Typ A 0.545 0.605 0.575 A1 0 0.05 0.02 A3 - - 0.13 b 0.20 0.30 0.25 D 1.55 1.675 1.60 D2 1.10 1.30 1.20 E 1.55 1.675 1.60 e - - 0.50 E2 0.30 0.50 0.40 L 0.275 0.375 0.325 All Dimensions in mm A1 A EE2 D D2 L1 L e b A A1 A3 E B L D D2 E2 d e d f Z z R0.1 50 D A1 A A3 E2 e b L E D2 |