| データシートサーチシステム |
|
TNETX15VE データシート(PDF) 66 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE データシート(HTML) 66 Page - Texas Instruments |
|
66 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 66 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION register spaces/external devices accessible through the TNETX15VE Although the TNETX15VE is designed to work in a CPU-less environment, access to the internal registers is useful for the following reasons: • Setting/changing port VLAN assignments • Setting spanning-tree options • Setting operational modes (startup options) • Resetting the device (hardware and software resets) • Management-based access and control of the lookup table • Statistic gathering • Diagnostic operations • Communicating with attached PHYs through the MII • Reading/writing to an external EEPROM Figure 12 shows the various register spaces provided by and accessed through the TNETX15VE. Address High DIO MII I/F EEPROM I/F SRAM I/F Address Low Data Data Auto- Increment SIO RAM Addr RAM Data SRAM (external) Serial EEPROM MII/PHYs 4K x 16 SRAM (internal) TNETX15VE Access Registers Internal DIO Registers Figure 12. Register Spaces Provided and Accessed Through the TNETX15VE |