| データシートサーチシステム |
|
TNETX15VE データシート(PDF) 105 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE データシート(HTML) 105 Page - Texas Instruments |
|
105 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 105 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION third-party interconnect example The TNETX15VE pretag support enables it to work with proprietary third-party devices connected to the TNETX3150/TNETX3150A through the uplink (port 00). In this mode, the pretag is used to pass along the VLAN information that is required for lookups and an inbound post tag is available for predetermined port delivery. Figure 31 illustrates this application. TNETX15VE PHY PHY PHY Multiports Uplink Port 00 TNETX3150/ TNETX3150A PHY PHY PHY Multiports Third-Party System Figure 31. Cascaded With Third-Party Device Through Uplink With Pretag Support |