データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F0DISCOVERY データシート(PDF) 14 Page - STMicroelectronics

部品番号 STM32F0DISCOVERY
部品情報  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY データシート(HTML) 14 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 10Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 11Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 12Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 13Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 14Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 15Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 16Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 17Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Hardware and layout
UM1525
14/41
Doc ID 022910 Rev 2
4.2
Embedded ST-LINK/V2
The ST-LINK/V2 programming and debugging tool is integrated on the
STM32F0DISCOVERY. The embedded ST-LINK/V2 can be used in 2 different ways
according to the jumper states (see Table 3):
Program/debug the MCU on board,
Program/debug an MCU in an external application board using a cable connected to
SWD connector CN3.
The embedded ST-LINK/V2 supports only SWD for STM32 devices. For information about
debugging and programming features refer to user manual UM1075 (ST-LINK/V2 in-circuit
debugger/programmer for STM8 and STM32) which describes in detail all the ST-LINK/V2
features.
Figure 7.
Typical configuration
Table 3.
Jumper states
Jumper state
Description
Both CN2 jumpers ON
ST-LINK/V2 functions enabled for on board programming (default)
Both CN2 jumpers OFF
ST-LINK/V2 functions enabled for application through external CN3
connector (SWD supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41