| データシートサーチシステム |
|
STM32F0DISCOVERY データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F0DISCOVERY データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 41 page ![]() UM1525 Hardware and layout Doc ID 022910 Rev 2 15/41 4.2.1 Using ST-LINK/V2 to program/debug the STM32 F0 on board To program the STM32 F0 on board, simply plug in the two jumpers on CN2, as shown in Figure 8 in red, but do not use the CN3 connector as that could disturb communication with the STM32F051R8T6 of the STM32F0DISCOVERY. Figure 8. STM32F0DISCOVERY connections image |