データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F0DISCOVERY データシート(PDF) 20 Page - STMicroelectronics

部品番号 STM32F0DISCOVERY
部品情報  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY データシート(HTML) 20 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 16Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 17Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 18Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 19Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 20Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 21Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 22Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 23Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Hardware and layout
UM1525
20/41
Doc ID 022910 Rev 2
4.9
Extension connectors
The male headers P1 and P2 can connect the STM32F0DISCOVERY to a standard
prototyping/wrapping board. STM32F051R8T6 GPI/Os are available on these connectors.
P1 and P2 can also be probed by an oscilloscope, logical analyzer or voltmeter.
Table 6.
MCU pin description versus board function (page 1 of 7)
MCU pin
Board function
Main
function
Alternate
functions
BOOT0
BOOT0
60
6
NRST
NRST
7
5
10
PA0
2_CTS,
IN0,
2_CH1_ETR,
1_INM6,
1_OUT,
TSC_G1_IO1,
RTC_TAMP2,
WKUP1
14
15
PA1
2_RTS,
IN1,
2_CH2,
1_INP,
TSC_G1_IO2,
EVENTOUT
15
16
PA2
2_TX,
IN2,
2_CH3,
15_CH1,
2_INM6,
2_OUT,
TSC_G1_IO3
16
17
PA3
2_RX,
IN3,
2_CH4,
15_CH2,
2_INP,
TSC_G1_IO4,
17
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41