データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXB1586AR データシート(PDF) 1 Page - Sony Corporation

部品番号 CXB1586AR
部品情報  10 Bit 1.0625 Gbaud Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1586AR データシート(HTML) 1 Page - Sony Corporation

  CXB1586AR Datasheet HTML 1Page - Sony Corporation CXB1586AR Datasheet HTML 2Page - Sony Corporation CXB1586AR Datasheet HTML 3Page - Sony Corporation CXB1586AR Datasheet HTML 4Page - Sony Corporation CXB1586AR Datasheet HTML 5Page - Sony Corporation CXB1586AR Datasheet HTML 6Page - Sony Corporation CXB1586AR Datasheet HTML 7Page - Sony Corporation CXB1586AR Datasheet HTML 8Page - Sony Corporation CXB1586AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
—1—
E97319C83-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
–0.3 to 4
V
• Operating temperature
Topr
–55 to +70
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
to 1109
mW
Operating Conditions
Supply voltage
VCC
3.14 to 3.46
V
Description
The CXB1586AR is a transceiver IC with a built-in
PLL for Fibre Channel. For a receiver 1.0625
Gbaud serial data is received and output it as the
10-bit parallel data; for transmitter 1.0625 Gbaud 10-
bit parallel data is output as the serial data.
Features
• Transmitter and receiver in a single chip
• ANSI X3T11 Fibre Channel compatible (FC_0) at
1.0625 Gbaud
• Conforms to 10-bit interface specification
• TTL / ECL compatible
• Single +3.3 V power supply
• PLL for clock generation and clock / data recovery
• Byte sync detector (positive character of comma)
• Local loop back circuit
• Low power consumption (0.8 W typ.)
• 64-pin plastic LQFP package (10 mm
× 10 mm)
Applications
1.0625 Gbaud Fibre channel
Structure
Bipolar silicon monolithic IC
10 Bit 1.0625 Gbaud Transceiver
64 pin LQFP (Plastic)
CXB1586AR
For the availability of this product, please contact the sales office.


同様の部品番号 - CXB1586AR

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
Fibre Channel Receiver
CXB1583Q SONY-CXB1583Q Datasheet
405Kb / 23P
266Mbaud Fibre Channel Transceiver IC
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
Fibre Channel Repeater
More results

同様の説明 - CXB1586AR

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT861 PHILIPS-74ABT861 Datasheet
100Kb / 10P
10-bit bus transceiver 3-State
1998 Jan 16
74ABTL3205 PHILIPS-74ABTL3205 Datasheet
105Kb / 14P
10-bit BTL transceiver with registers
1995 Jun 16
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
Fibre Channel Transceiver 1.0625 GBaud
Sep-1998
logo
Sony Corporation
CXB1596AR SONY-CXB1596AR Datasheet
198Kb / 15P
10-bit Transceiver
logo
Vitesse Semiconductor C...
VSC7125 VITESSE-VSC7125 Datasheet
123Kb / 16P
1.0625 Gbits/sec Fibre Channel Transceiver
VSC7126 VITESSE-VSC7126 Datasheet
223Kb / 16P
1.0625 Gbits/sec Fibre Channel Transceiver
logo
Motorola, Inc
MC92610 MOTOROLA-MC92610 Datasheet
557Kb / 8P
Quad 3.125 Gbaud SERDES
logo
Source Photonics, Inc.
FTM-5012S-G50G SOURCE-FTM-5012S-G50G Datasheet
232Kb / 9P
1.0625節?.25Gbps GBIC Transceiver
FTM-8012S-GG SOURCE-FTM-8012S-GG Datasheet
383Kb / 8P
1.0625節?.25Gbps GBIC Transceiver
FTM-3012S-GG SOURCE-FTM-3012S-GG Datasheet
237Kb / 10P
1.0625節?.25Gbps GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com