データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EC70B3 データシート(PDF) 31 Page - STMicroelectronics

部品番号 SPC56EC70B3
部品情報  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70B3 データシート(HTML) 31 Page - STMicroelectronics

Back Button SPC56EC70B3 Datasheet HTML 27Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 28Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 29Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 30Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 31Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 32Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 33Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 34Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 118 page
background image
SPC564Bxx - SPC56ECxx
Package pinouts and signal descriptions
Doc ID 17478 Rev 4
31/118
PE[12]
PCR[76]
AF0
AF1
AF2
AF3
—
—
—
—
GPIO[76]
—
E1UC[19]
—
CRS
SIN_2
EIRQ[11]
ADC1_S[7]
SIUL
—
eMIOS_1
—
FEC
DSPI_2
SIUL
ADC_1
I/O
—
I/O
—
I
I
I
I
M/S
Tristate
133
157
C14
PE[13]
PCR[77]
AF0
AF1
AF2
AF3
—
GPIO[77]
SOUT_2
E1UC[20]
—
RXD[3]
SIUL
DSPI_2
eMIOS_1
—
FEC
I/O
O
I/O
—
I
M/S
Tristate
127
151
C16
PE[14]
PCR[78]
AF0
AF1
AF2
AF3
—
GPIO[78]
SCK_2
E1UC[21]
—
EIRQ[12]
SIUL
DSPI_2
eMIOS_1
—
SIUL
I/O
I/O
I/O
—
I
M/S
Tristate
136
160
A14
PE[15]
PCR[79]
AF0
AF1
AF2
AF3
GPIO[79]
CS0_2
E1UC[22]
SCK_6
SIUL
DSPI_2
eMIOS_1
DSPI_6
I/O
I/O
I/O
I/O
M/S
Tristate
137
161
C12
PF[0]
PCR[80]
AF0
AF1
AF2
AF3
—
GPIO[80]
E0UC[10]
CS3_1
—
ADC0_S[8]
SIUL
eMIOS_0
DSPI_1
—
ADC_0
I/O
I/O
O
—
I
STristate
63
79
P7
PF[1]
PCR[81]
AF0
AF1
AF2
AF3
—
GPIO[81]
E0UC[11]
CS4_1
—
ADC0_S[9]
SIUL
eMIOS_0
DSPI_1
—
ADC_0
I/O
I/O
O
—
I
STristate
64
80
T6
PF[2]
PCR[82]
AF0
AF1
AF2
AF3
—
GPIO[82]
E0UC[12]
CS0_2
—
ADC0_S[10]
SIUL
eMIOS_0
DSPI_2
—
ADC_0
I/O
I/O
I/O
—
I
STristate
65
81
R6
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More