データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EC70B3 データシート(PDF) 43 Page - STMicroelectronics

部品番号 SPC56EC70B3
部品情報  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70B3 データシート(HTML) 43 Page - STMicroelectronics

Back Button SPC56EC70B3 Datasheet HTML 39Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 40Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 41Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 42Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 43Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 44Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 45Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 46Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 118 page
background image
SPC564Bxx - SPC56ECxx
Package pinouts and signal descriptions
Doc ID 17478 Rev 4
43/118
PK[7]
PCR[167]
AF0
AF1
AF2
AF3
—
—
GPIO[167]
—
—
—
CAN3RX
LIN3RX
SIUL
—
—
—
FlexCAN_3
LINFlexD_3
I/O
—
—
—
I
I
M/S
Tristate
—
47
M7
PK[8]
PCR[168]
AF0
AF1
AF2
AF3
GPIO[168]
CAN3TX
LIN3TX
—
SIUL
FlexCAN_3
LINFlexD_3
—
I/O
O
O
—
M/S
Tristate
—
48
M8
PK[9]
PCR[169]
AF0
AF1
AF2
AF3
—
GPIO[169]
—
—
—
SIN_4
SIUL
—
—
—
DSPI_4
I/O
—
—
—
I
M/S
Tristate
—
197
E8
PK[10]
PCR[170]
AF0
AF1
AF2
AF3
GPIO[170]
SOUT_4
—
—
SIUL
DSPI_4
—
—
I/O
O
—
—
M/S
Tristate
—
198
E7
PK[11]
PCR[171]
AF0
AF1
AF2
AF3
GPIO[171]
SCK_4
—
—
SIUL
DSPI_4
—
—
I/O
I/O
—
—
M/S
Tristate
—
199
F8
PK[12]
PCR[172]
AF0
AF1
AF2
AF3
GPIO[172]
CS0_4
—
—
SIUL
DSPI_4
—
—
I/O
I/O
—
—
M/S
Tristate
—
200
G12
PK[13]
PCR[173]
AF0
AF1
AF2
AF3
—
GPIO[173]
CS3_6
CS2_7
SCK_1
CAN3RX
SIUL
DSPI_6
DSPI_7
DSPI_1
FlexCAN_3
I/O
O
O
I/O
I
M/S
Tristate
—
201
H12
PK[14]
PCR[174]
AF0
AF1
AF2
AF3
GPIO[174]
CAN3TX
CS3_7
CS0_1
SIUL
FlexCAN_3
DSPI_7
DSPI_1
I/O
O
O
I/O
M/S
Tristate
—
202
J12
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More