| データシートサーチシステム |
|
SPC56EC70B3 データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EC70B3 データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 118 page ![]() SPC564Bxx - SPC56ECxx Package pinouts and signal descriptions Doc ID 17478 Rev 4 47/118 8. These pins can be configured as Nexus pins during reset by the debugger writing to the Nexus Development Interface "Port Control Register" rather than the SIUL. Specifically, the debugger can enable the MDO[7:0], MSEO[1:0], and MCKO ports by programming NDI (PCR[MCKO_EN] or PCR[PSTAT_EN]). MDO[8:11] ports can be enabled by programming NDI ((PCR[MCKO_EN] and PCR[FPM]) or PCR[PSTAT_EN]). |