データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EC70B3 データシート(PDF) 34 Page - STMicroelectronics

部品番号 SPC56EC70B3
部品情報  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70B3 データシート(HTML) 34 Page - STMicroelectronics

Back Button SPC56EC70B3 Datasheet HTML 30Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 31Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 32Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 33Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 34Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 35Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 36Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 37Page - STMicroelectronics SPC56EC70B3 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
Package pinouts and signal descriptions
SPC564Bxx - SPC56ECxx
34/118
Doc ID 17478 Rev 4
PG[1]
PCR[97]
AF0
AF1
AF2
AF3
—
—
—
GPIO[97]
—
E1UC[24]
—
TX_CLK
CAN5RX
EIRQ[14]
SIUL
—
eMIOS_1
—
FEC
FlexCAN_5
SIUL
I/O
—
I/O
—
I
I
I
M
Tristate
121
145
E14
PG[2]
PCR[98]
AF0
AF1
AF2
AF3
GPIO[98]
E1UC[11]
SOUT_3
—
SIUL
eMIOS_1
DSPI_3
—
I/O
I/O
O
—
M/S
Tristate
16
16
E4
PG[3]
PCR[99]
AF0
AF1
AF2
AF3
—
GPIO[99]
E1UC[12]
CS0_3
—
WKPU[17]
SIUL
eMIOS_1
DSPI_3
—
WKPU
I/O
I/O
I/O
—
I
STristate
15
15
E1
PG[4]
PCR[100]
AF0
AF1
AF2
AF3
GPIO[100]
E1UC[13]
SCK_3
—
SIUL
eMIOS_1
DSPI_3
—
I/O
I/O
I/O
—
M/S
Tristate
14
14
F2
PG[5]
PCR[101]
AF0
AF1
AF2
AF3
—
—
GPIO[101]
E1UC[14]
—
—
WKPU[18]
SIN_3
SIUL
eMIOS_1
—
—
WKPU
DSPI_3
I/O
I/O
—
—
I
I
STristate
13
13
D1
PG[6]
PCR[102]
AF0
AF1
AF2
AF3
GPIO[102]
E1UC[15]
LIN6TX
—
SIUL
eMIOS_1
LINFlexD_6
—
I/O
I/O
O
—
M/S
Tristate
38
38
M1
PG[7]
PCR[103]
AF0
AF1
AF2
AF3
—
—
GPIO[103]
E1UC[16]
E1UC[30]
—
LIN6RX
WKPU[20]
SIUL
eMIOS_1
eMIOS_1
—
LINFlexD_6
WKPU
I/O
I/O
I/O
—
I
I
STristate
37
37
L2
Table 5.
Functional port pin descriptions (continued)
Port
pin
PCR
Function
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More