| データシートサーチシステム |
|
SPEAR1340 データシート(PDF) 131 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR1340 データシート(HTML) 131 Page - STMicroelectronics |
|
131 / 200 page ![]() SPEAr1340 Pin description Doc ID 023063 Rev 4 131/200 Parallel NOR Flash (8-bit)(3) UART 10 11 Parallel NOR Flash (16-bit)(3) UART 11 00 MMC/SD memory card na 1 1 0 1 rfu na 1 1 1 0 rfu na 1 1 1 1 1. The backup source will be used in case that the primary source is not available. 2. To boot from serial NOR Flash use SMI_CS0n. 3. To boot from NAND Flash or Parallel NOR Flash use FSMC_CE0n. 4. Reserved for future use. Table 38. Hardware boot selection (STRAP[0..3]) (continued) Primary source Backup source(1) STRAP3 STRAP2 STRAP1 STRAP0 |