データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPEAR1340 データシート(PDF) 128 Page - STMicroelectronics

部品番号 SPEAR1340
部品情報  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 データシート(HTML) 128 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 124Page - STMicroelectronics SPEAR1340 Datasheet HTML 125Page - STMicroelectronics SPEAR1340 Datasheet HTML 126Page - STMicroelectronics SPEAR1340 Datasheet HTML 127Page - STMicroelectronics SPEAR1340 Datasheet HTML 128Page - STMicroelectronics SPEAR1340 Datasheet HTML 129Page - STMicroelectronics SPEAR1340 Datasheet HTML 130Page - STMicroelectronics SPEAR1340 Datasheet HTML 131Page - STMicroelectronics SPEAR1340 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 200 page
background image
Pin description
SPEAr1340
128/200
Doc ID 023063 Rev 4
XGPIO199
General purpose IO
IO
A20
XGPIO200
IO
B20
XGPIO201
IO
C20
XGPIO202
IO
D20
XGPIO203
IO
E20
XGPIO204
IO
A19
XGPIO205
IO
B19
XGPIO206
IO
C19
XGPIO207
IO
D19
XGPIO208
IO
E19
XGPIO209
IO
A18
XGPIO210
IO
B18
XGPIO211
IO
C18
XGPIO212
IO
D18
XGPIO213
IO
E18
XGPIO214
IO
A17
XGPIO215
IO
B17
XGPIO216
IO
C17
XGPIO217
IO
D17
XGPIO218
IO
E17
XGPIO219
IO
A16
XGPIO220
IO
B16
XGPIO221
IO
C16
XGPIO222
IO
D16
XGPIO223
IO
E16
XGPIO224
IO
B15
XGPIO225
IO
A15
XGPIO226
IO
C15
XGPIO227
IO
D15
XGPIO228
IO
E15
XGPIO229
IO
A14
XGPIO230
IO
B14
XGPIO231
IO
C14
XGPIO232
IO
D14
XGPIO233
IO
B10
Table 36.
XGPIO signals description (continued)
Signal name
Description
Type
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More