データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTPF0100UG データシート(PDF) 40 Page - Freescale Semiconductor, Inc

部品番号 KTPF0100UG
部品情報  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG データシート(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 36Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 37Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 38Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 39Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 40Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 41Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 42Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 43Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
KTPF0100UG, Rev. 2.0
40
Freescale Semiconductor
Graphical User Interface Description
The following list describes all the available buttons on the Script Editor tab.
•
Load Script: Launches the “File Load” dialog box allowing the user to select and load a stored script file.
•
Save Script: Launches the “File Save” dialog box, allowing the user to save a script file to storage.
•
Clear Script: Clears the current Script Editor work area to prepare for writing a new script.
•
Run Script: Begins execution of the currently loaded script. Execution runs sequentially.
•
Step Delay: Entered as an integer number between 0 and 1000 milliseconds. Double-click with the left
mouse button over the text box to begin editing the value, then press the Enter key.
•
Insert Line Separator: Inserts a comment at the current cursor position that represents a separating line.
Used to organize long scripts.
•
Append Programming: Inserts all the commands required to program the OTP memory into the Script
Editor at the current cursor location.
•
Save Log: Launches the “File Save” dialog box, allowing users to save the Script Log to a file.
•
Clear Log: Clears the Script Log.
•
Commands: Displays the pop-up window shown in Figure 40, with a graphical set of commands to add to
the script.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74