| データシートサーチシステム |
|
KTPF0100UG データシート(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
KTPF0100UG データシート(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 74 page ![]() KTPF0100UG, Rev. 2.0 Freescale Semiconductor 49 Graphical User Interface Description LOG:INT:<Int operator> Shows the status of the corresponding interrupt bit. Interrupt operators are as follows: • 110_DEGREES • 120_DEGREES • 125_DEGREES • 130_DEGREES • SW1A_OVERCURRENT • SW1C_OVERCURRENT • SW2_OVERCURRENT • SW3A_OVERCURRENT • SW3B_OVERCURRENT • SW4_OVERCURRENT • SWBST_OVERCURRENT • VGEN1_OVERCURRENT • VGEN2_OVERCURRENT • VGEN3_OVERCURRENT • VGEN4_OVERCURRENT • VGEN5_OVERCURRENT • VGEN6_OVERCURRENT 2. All characters (except for the "Float" subcommand) have to be entered in uppercase. 3. The register and data values should be entered as hexadecimal numbers, for example: 0x20 is entered as 20. 4. The output voltage operating range is set during OTP programming and cannot be changed under normal PMIC control. Table 8. Command List(2) Command Description |