データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTPF0100UG データシート(PDF) 57 Page - Freescale Semiconductor, Inc

部品番号 KTPF0100UG
部品情報  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG データシート(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 53Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 54Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 55Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 56Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 57Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 58Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 59Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 60Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
57
Graphical User Interface Description
If you would like the KITPF0100GUI to verify that a part has been programmed with the OTP data supplied by the
programming script, click the “Verify After Programming” check box. This will direct the GUI to do a line-by-line
comparison between the data written and the data actually programmed into the part.
 
 
Figure 48. Verify After Programming and OTP Blank?
Then press the “PROGRAM” button. The KITPF0100GUI will verify that the script file has been loaded and the
supply voltages have been applied before starting the programming sequence. Each step of the programming
sequence will be displayed in the Log List.
When the programming sequence turns on the 8.0V VPGM programming supply, then the red LED D11 of the
KITPF0100EPEVBE will be on.
After programming has been completed, the GUI will automatically check to see if the OTP memory has been
programmed, and because we selected “Verify” afterwards, the verify algorithm will be run. The number of OTP
programming errors will be reported in the Log List.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74