データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTPF0100UG データシート(PDF) 59 Page - Freescale Semiconductor, Inc

部品番号 KTPF0100UG
部品情報  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG データシート(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 55Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 56Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 57Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 58Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 59Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 60Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 61Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 62Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
KTPF0100UG, Rev. 2.0
Freescale Semiconductor
59
KITPF0100EPEVBE Board Layout
11 KITPF0100EPEVBE Board Layout
11.1
Assembly Layer Top
BH1
J34
D11
D10
J35
C77
J36
J17
GND1
BH2
R42
R45
F1
L11
R67
R68
GND4
VIN_SWB1
LX_SWB1
J39
R79
SWAB1
J41
C39
J40
J25
J5
C26
C25
R10
R8
J3
VIN_SWA1
J1
J30
LX_SWA1
GND6
J27
RESETBMCU1
R37
R36
J31
GND3
SWC1
C82
VIN_SWC1
R20
C6
C10
R21
L4
C2
R31
R85
C87
R29
L2
R32
R33
R34
J22
ICTEST1
STANDBY1
SDWNB1
INTB1
D2
R84
VIN_SENSE1
VDDIO1
R39
R38
Q2
D3
Q3
J33
VIN_SW4
J10
J11
VIN_SW2
C28
L6
C11
C14
C44
C13
C12
C19
C56
U1
C4
R2
C51
C20 R28
C55
C53
C17
C52
C54
C83
VSWBST1
R3
C16
C15
SCL1
D1
L1
R69
D4
J8
R40
SDA1
Q1
GND2
J13
J12
VIN2
J7
R26 R27
L8
C32
R70
C50
C18
C43
R23
R25
C42
C5
L7
J9
J29
VGEN3
J15
VGEN4
VREFDDR1
VHALF1
VINREFDDR1
LX_SWB3
VIN_SWB3
SWA3
J4
VIN_SWA3
VGEN6
VGEN5
LX_SWA3
VIN3
C31
C30
J20
J2
J32
J24
J26
BH3
J14
BAT1
BH4
1
1
3
4
6
1
3
4
2
J8
J12
J13
1
1
1
1
2
1
1
1
J29
J15
1
1
1
1
1
1
J32
J14
1
J16
1
1
J18
1
1
J19
1
1
2
J21
S4
S3
AC
C
A
5
1
7
1
5
1
S2
1
1
S1
1
5
2
6
8
1
1
2
1
6
2
1
1
1
1
1
1
J31
J25
1
1
2
1
2
1
1
C A
C A
1
1
1
1
J33
J11
J10
1
1
2
14
15
29
28
1
43
42
56
1
2
C A
Figure 50. Assembly Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74