| データシートサーチシステム |
|
AD9789BBCZ データシート(PDF) 71 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9789BBCZ データシート(HTML) 71 Page - Analog Devices |
|
71 / 76 page ![]() AD9789 Rev. A | Page 71 of 76 In DDR mode, “rise” corresponds to data sampled on the rising edge of DSC; “fall” corresponds to data sampled on the falling edge of DSC. Table 97. Channelizer Mode Configurations and Channel Construction: LVDS Interface, Channel Prioritization = 1 Datapath Configuration LVDS Pin Mapping BW DW Format DCO [D15:D12] [D11:D8] [D7:D4] [D3:D0] 1 R0 2 R0 3 R1 4 R1 5 R2 6 R2 7 R3 4 8 Real 8 R3 Datapath Configuration LVDS Pin Mapping BW DW Format DCO [D15:D12] [D11:D8] [D7:D4] [D3:D0] 1 I0 2 I0 3 Q0 4 Q0 5 I1 6 I1 7 Q1 8 Q1 9 I2 10 I2 11 Q2 12 Q2 13 I3 14 I3 15 Q3 4 8 Complex 16 Q3 Datapath Configuration LVDS Pin Mapping BW DW Format DCO [D15:D12] [D11:D8] [D7:D4] [D3:D0] 1 R0 2 R1 3 R2 8 8 Real 4 R3 Datapath Configuration LVDS Pin Mapping BW DW Format DCO [D15:D12] [D11:D8] [D7:D4] [D3:D0] 1 I0 2 Q0 3 I1 4 Q1 5 I2 6 Q2 7 I3 8 8 Complex 8 Q3 |