データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9789BBCZ データシート(PDF) 26 Page - Analog Devices

部品番号 AD9789BBCZ
部品情報  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ データシート(HTML) 26 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 22Page - Analog Devices AD9789BBCZ Datasheet HTML 23Page - Analog Devices AD9789BBCZ Datasheet HTML 24Page - Analog Devices AD9789BBCZ Datasheet HTML 25Page - Analog Devices AD9789BBCZ Datasheet HTML 26Page - Analog Devices AD9789BBCZ Datasheet HTML 27Page - Analog Devices AD9789BBCZ Datasheet HTML 28Page - Analog Devices AD9789BBCZ Datasheet HTML 29Page - Analog Devices AD9789BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
AD9789
Rev. A | Page 26 of 76
CS
SCLK
SDIO
tHI
tLO
tCLK
tS
tDS
tDH
tC
BIT N
BIT N + 1
Figure 69. Serial Control Port Timing—Write
Table 10. Serial Control Port Timing
Parameter
Description
tDS
Setup time between data and rising edge of SCLK
tDH
Hold time between data and rising edge of SCLK
tCLK
Period of the clock
Setup time between CS falling edge and SCLK rising edge (start of communication cycle)
tS
Setup time between SCLK rising edge and CS rising edge (end of communication cycle)
tC
tHI
Minimum period that SCLK should be in a logic high state
tLO
Minimum period that SCLK should be in a logic low state
tDV
SCLK to valid SDIO and SDO (see Figure 67)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76