データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9789BBCZ データシート(PDF) 11 Page - Analog Devices

部品番号 AD9789BBCZ
部品情報  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ データシート(HTML) 11 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 7Page - Analog Devices AD9789BBCZ Datasheet HTML 8Page - Analog Devices AD9789BBCZ Datasheet HTML 9Page - Analog Devices AD9789BBCZ Datasheet HTML 10Page - Analog Devices AD9789BBCZ Datasheet HTML 11Page - Analog Devices AD9789BBCZ Datasheet HTML 12Page - Analog Devices AD9789BBCZ Datasheet HTML 13Page - Analog Devices AD9789BBCZ Datasheet HTML 14Page - Analog Devices AD9789BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
AD9789
Rev. A | Page 11 of 76
Pin No.
Mnemonic
Description
M14
CMOS_CTRL
Active High Input. Enables CMOS_DCO and CMOS_FS signals and disables DCOP/DCON
and FSP/FSN signals. Low input disables CMOS_DCO and CMOS_FS signals and enables
DCOP/DCON and FSP/FSN signals.
N1
SDO
Serial Data Output for SPI.
N2
RESET
Active High Input. Resets the AD9789.
N5
D29/D14P
CMOS/LVDS Data Input.
N6
D25/D12P
CMOS/LVDS Data Input.
N7
D21/D10P
CMOS/LVDS Data Input.
N8
D17/D8P
CMOS/LVDS Data Input.
N9
D13/D6P
CMOS/LVDS Data Input.
N10
D9/D4P
CMOS/LVDS Data Input.
N11
D5/D2P
CMOS/LVDS Data Input.
N12
D1/D0P
CMOS/LVDS Data Input.
N13
DCOP
Positive LVDS Data Clock Output (DCOP) for Data Bus.
N14
CMOS_FS
CMOS Frame Sync for Data Bus.
P1
SDIO
Serial Data Input/Output for SPI.
P2
IRQ
Active Low, Open-Drain Interrupt Request Output. Pull up to DVDD33 with a 10 kΩ
resistor.
P5
D28/D14N
CMOS/LVDS Data Input.
P6
D24/D12N
CMOS/LVDS Data Input.
P7
D20/D10N
CMOS/LVDS Data Input.
P8
D16/D8N
CMOS/LVDS Data Input.
P9
D12/D6N
CMOS/LVDS Data Input.
P10
D8/D4N
CMOS/LVDS Data Input.
P11
D4/D2N
CMOS/LVDS Data Input.
P12
D0/D0N
CMOS/LVDS Data Input.
P13
DCON
Negative LVDS Data Clock Output (DCON) for Data Bus.
P14
CMOS_DCO
CMOS Data Clock Output for Data Bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76