| データシートサーチシステム |
|
OMAP3530ECBC72 データシート(PDF) 181 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC72 データシート(HTML) 181 Page - Texas Instruments |
|
181 / 264 page ![]() A1 A1 LPDDRDevice RegionshouldencompassallLPDDRcircuitryandvariesdepending onplacement.Non-LPDDRsignalsshouldnotberoutedonthe LPDDRsignallayerswithintheLPDDRkeepoutregion.Non-LPDDR signalsmayberoutedintheregionprovidedtheyareroutedon layersseparatedfromLPDDRsignallayersbyagroundlayer.No breaksshouldbeallowedinthereferencegroundlayersinthis region.Inaddition,the1.8Vpowerplaneshouldcovertheentirekeep outregion. 6.4.2.5 Net Classes 6.4.2.6 LPDDR Signal Termination OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Figure 6-20. LPDDR Keepout Region Table 6-17 lists the clock net classes for the LPDDR interface. Table 6-18 lists the signal net classes, and associated clock net classes, for the signals in the LPDDR interface. These net classes are used for the termination and routing rules that follow. Table 6-17. Clock Net Class Definitions CLOCK NET CLASS OMAP PIN NAMES CK sdrc_clk/sdrc_nclk DQS0 sdrc_dqs0 DQS1 sdrc_dqs1 DQS2 sdrc_dqs2 DQS3 sdrc_dqs3 Table 6-18. Signal Net Class Definitions CLOCK NET CLASS ASSOCIATED CLOCK NET CLASS OMAP PIN NAMES sdrc_ba, sdrc_a, sdrc_ncs0, sdrc_ncas, ADDR_CTRL CK sdrc_nras, sdrc_nwe, sdrc_cke0 DQ0 DQS0 sdrc_d, sdrc_dm0 DQ1 DQS1 sdrc_d, sdrc_dm1 DQ2 DQS2 sdrc_d, sdrc_dm2 DQ3 DQS3 sdrc_d, sdrc_dm3 No terminations of any kind are required in order to meet signal integrity and overshoot requirements. Serial terminators are permitted, if desired, to reduce EMI risk; however, serial terminations are the only type permitted. Table 6-19 shows the specifications for the series terminators. Table 6-19. LPDDR Signal Terminations NO. PARAMETER MIN TYP MAX UNIT NOTES 1 CK Net Class 0 10 Ω See Note(1) (1) Only series termination is permitted, parallel or SST specifically disallowed. Submit Documentation Feedback TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 181 |