| データシートサーチシステム |
|
OMAP3530ECBC72 データシート(PDF) 200 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC72 データシート(HTML) 200 Page - Texas Instruments |
|
200 / 264 page ![]() WeCycleTime WeCycleTime AccessTime ReCycleTime CsOffTime CsOnTime CsOnTime CsOnTime CsOffTime CsOffTime WeOffTime WeOnTime WeOffTime WeOnTime ReOffTime ReOnTime CsPulseWidth CsPulseWidth READ WRITE WRITE rfbi_a0 rfbi_csx rfbi_wr rfbi_rd rfbi_da[15:0] 034-004 OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Figure 6-32. LCD Display in RFBI Mode – Command / Data Write-to-Read and Read-to-Write Timing Modes(1)(2) (1) In rfbi_csx, x is equal to 0 or 1. (2) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98. 200 TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS Submit Documentation Feedback |