| データシートサーチシステム |
|
OMAP3530ECBCA データシート(PDF) 161 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBCA データシート(HTML) 161 Page - Texas Instruments |
|
161 / 264 page ![]() gpmc_clk gpmc_ncsx gpmc_a[10:1] gpmc_nbe0_cle gpmc_nbe1 gpmc_nadv_ale gpmc_nwe gpmc_d[15:0] gpmc_waitx gpmc_io_dir Valid Address D0 D1 D2 D3 OUT F4 F15 F15 F15 F1 F1 F2 F6 F8 F8 F0 F14 F14 F3 F17 F17 F17 F9 F6 F17 F17 F17 030-023 OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3. Figure 6-4. GPMC/NOR Flash – Synchronous Burst Write – (GpmcFCLKDivider = 0) Submit Documentation Feedback TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 161 |