| データシートサーチシステム |
|
OMAP3530ECBCA データシート(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBCA データシート(HTML) 74 Page - Texas Instruments |
|
74 / 264 page ![]() OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Table 2-3. Ball Characteristics (CUS Pkg.) (continued) BALL BALL TOP [2] PIN NAME [3] MODE [4] TYPE [5] BALL RESET BALL RESET RESET REL. POWER [9] HYS [10] BUFFER PULLUP BOTTOM [1] STATE [6] REL. STATE MODE [8] STRENG TH /DOWN TYPE [7] (mA) [11] [12] gpio_74 4 IO safe_mode 7 AC21 dss_data5 0 IO L L 7 vdds No 4 PU/ PD LVCMOS uart3_tx_ irtx 2 O gpio_75 4 IO safe_mode 7 D24 dss_data6 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_tx 2 O gpio_76 4 IO safe_mode 7 E23 dss_data7 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS uart1_rx 2 I gpio_77 4 IO safe_mode 7 E24 dss_data8 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_78 4 IO safe_mode 7 F23 dss_data9 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_79 4 IO safe_mode 7 AC22 dss_data10 0 IO L L 7 vdds NA 4 PU/ PD LVCMOS gpio_80 4 IO safe_mode 7 AC23 dss_data11 0 IO L L 7 vdds NA 4 PU/ PD LVCMOS gpio_81 4 IO safe_mode 7 AB22 dss_data12 0 IO L L 7 vdds NA 4 PU/ PD LVCMOS gpio_82 4 IO safe_mode 7 Y22 dss_data13 0 IO L L 7 vdds NA 4 PU/ PD LVCMOS gpio_83 4 IO safe_mode 7 W22 dss_data14 0 IO L L 7 vdds NA 4 PU/ PD LVCMOS gpio_84 4 IO safe_mode 7 V22 dss_data15 0 IO L L 7 vdds NA 4 PU/ PD LVCMOS gpio_85 4 IO safe_mode 7 J22 dss_data16 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_86 4 IO safe_mode 7 G23 dss_data17 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_87 4 IO safe_mode 7 G24 dss_data18 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS mcspi3_clk 2 IO dss_data0 3 IO gpio_88 4 IO safe_mode 7 H23 dss_data19 0 IO L L 7 vdds Yes 8 PU/ PD LVCMOS mcspi3_ simo 2 IO dss_data1 3 IO gpio_89 4 IO safe_mode 7 TERMINAL DESCRIPTION 74 Submit Documentation Feedback |