データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECBCA データシート(PDF) 30 Page - Texas Instruments

部品番号 OMAP3530ECBCA
部品情報  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBCA データシート(HTML) 30 Page - Texas Instruments

Back Button OMAP3530ECBCA Datasheet HTML 26Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 27Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 28Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 29Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 30Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 31Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 32Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 33Page - Texas Instruments OMAP3530ECBCA Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 264 page
background image
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
Table 2-1. Ball Characteristics (CBB Pkg.) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
safe_mode
7
K1
M2
gpmc_d0
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
L1
M1
gpmc_d1
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
L2
N2
gpmc_d2
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
P2
N1
gpmc_d3
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
T1
R2
gpmc_d4
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
V1
R1
gpmc_d5
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
V2
T2
gpmc_d6
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
W2
T1
gpmc_d7
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
H2
AB3
gpmc_d8
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_44
4
IO
safe_mode
7
K2
AC3
gpmc_d9
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_45
4
IO
safe_mode
7
P1
AB4
gpmc_d10
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_46
4
IO
safe_mode
7
R1
AC4
gpmc_d11
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_47
4
IO
safe_mode
7
R2
AB6
gpmc_d12
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_48
4
IO
safe_mode
7
T2
AC6
gpmc_d13
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_49
4
IO
safe_mode
7
W1
AB7
gpmc_d14
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_50
4
IO
safe_mode
7
Y1
AC7
gpmc_d15
0
IO
H
H
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_51
4
IO
safe_mode
7
G4
Y2
gpmc_ncs0
0
O
1
1
0
vdds_ mem
No
4
NA
LVCMOS
H3
Y1
gpmc_ncs1
0
O
H
1
0
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_52
4
IO
safe_mode
7
V8
NA
gpmc_ncs2
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
gpio_53
4
IO
safe_mode
7
U8
NA
gpmc_ncs3
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq0
gpio_54
4
IO
safe_mode
7
T8
NA
gpmc_ncs4
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
sys_
1
I
ndmareq1
mcbsp4_
2
IO
clkx
gpt9_pwm_e 3
IO
vt
gpio_55
4
IO
safe_mode
7
R8
NA
gpmc_ncs5
0
O
H
H
7
vdds_ mem
Yes
4
PU/ PD
LVCMOS
TERMINAL DESCRIPTION
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More