| データシートサーチシステム |
|
OMAP3530ECBCA データシート(PDF) 73 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBCA データシート(HTML) 73 Page - Texas Instruments |
|
73 / 264 page ![]() OMAP3530/25 Applications Processor www.ti.com SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 Table 2-3. Ball Characteristics (CUS Pkg.) (continued) BALL BALL TOP [2] PIN NAME [3] MODE [4] TYPE [5] BALL RESET BALL RESET RESET REL. POWER [9] HYS [10] BUFFER PULLUP BOTTOM [1] STATE [6] REL. STATE MODE [8] STRENG TH /DOWN TYPE [7] (mA) [11] [12] mcbsp4_fsx 2 IO gpt8_pwm_evt 3 IO gpio_58 4 IO safe_mode 7 W2 gpmc_clk 0 O L 0 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_59 4 IO safe_mode 7 F1 gpmc_nadv_al 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS e F2 gpmc_noe 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS G3 gpmc_nwe 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS K5 gpmc_nbe0_cl 0 O L 0 0 vdds_ mem Yes 4 PU/ PD LVCMOS e gpio_60 4 IO safe_mode 7 L1 gpmc_nbe1 0 O L L 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_61 4 IO safe_mode 7 E1 gpmc_nwp 0 O L 0 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_62 4 IO safe_mode 7 C1 gpmc_wait0 0 I H H 0 vdds_ mem Yes NA PU/ PD LVCMOS C2 gpmc_wait3 0 I H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS sys_ 1 I ndmareq1 gpio_65 4 IO safe_mode 7 G22 dss_pclk 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_66 4 IO safe_mode 7 E22 dss_hsync 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_67 4 IO safe_mode 7 F22 dss_vsync 0 O H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_68 4 IO safe_mode 7 J21 dss_acbias 0 O L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_69 4 IO safe_mode 7 AC19 dss_data0 0 IO L L 7 vdds No 4 PU/ PD LVCMOS uart1_cts 2 I gpio_70 4 IO safe_mode 7 AB19 dss_data1 0 IO L L 7 vdds No 4 PU/ PD LVCMOS uart1_rts 2 O gpio_71 4 IO safe_mode 7 AD20 dss_data2 0 IO L L 7 vdds No 4 PU/ PD LVCMOS gpio_72 4 IO safe_mode 7 AC20 dss_data3 0 IO L L 7 vdds No 4 PU/ PD LVCMOS gpio_73 4 IO safe_mode 7 AD21 dss_data4 0 IO L L 7 vdds No 4 PU/ PD LVCMOS uart3_rx_ irrx 2 I Submit Documentation Feedback TERMINAL DESCRIPTION 73 |