| データシートサーチシステム |
|
OMAP3530ECBCA データシート(PDF) 248 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBCA データシート(HTML) 248 Page - Texas Instruments |
|
248 / 264 page ![]() mmcx_clk mmcx_cmd mmcx_dat[3:0] SD3 SD7 SD4 SD8 SD1 SD2 030-108 mmcx_clk mmcx_cmd mmcx_dat[3:0] SD1 SD2 SD5 SD6 SD5 SD6 030-109 OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Table 6-141. Y Parameter CLKD Y 1 or Even 0.5 Odd (trunk[CLKD/2])/CLKD For details about clock division factor CLKD, see the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98]. In mmcx, x is equal to 1, 2, or 3. Figure 6-67. MMC/SD/SDIO – Standard SD Mode – Data/Command Receive In mmcx, x is equal to 1, 2, or 3. Figure 6-68. MMC/SD/SDIO – Standard SD Mode – Data/Command Transmit 248 TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS Submit Documentation Feedback |