| データシートサーチシステム |
|
JS28F256P33BFE データシート(PDF) 75 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
JS28F256P33BFE データシート(HTML) 75 Page - Micron Technology |
|
75 / 90 page ![]() Datasheet Aug 2009 75 Order Number:320003-08 P33-65nm Figure 34: BEFP Flowchart SR Error Handler (User-Defined) BEFP Setup Delay Yes (SR.7=0) A Issue BEFP Setup Cmd (Data = 0x80) Issue BEFP Confirm Cmd (Data = 00D0h) Read Status Register No (SR.7=1) Exit Start Yes (SR.0=0) No (SR.0=1) Write 0xFFFFh outside Block No (SR.0=1) Yes (SR.0=0) No Yes Yes (SR.7=1) No (SR.7=0) Finish No Yes BEFP Setup Done ? Full Status Register check for errors Read Status Register Buffer Ready ? Write Data Word to Buffer Buffer Full ? Read Status Register Program Done ? Program More Data ? Program/Verify Phase Setup Phase Exit Phase A B B BEFP Exited ? Read Status Register |