| データシートサーチシステム |
|
JS28F256P33BFE データシート(PDF) 80 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
JS28F256P33BFE データシート(HTML) 80 Page - Micron Technology |
|
80 / 90 page ![]() P33-65nm Datasheet Aug 2009 80 Order Number: 320003-08 Figure 39: Status Register Flowchart Start SR7 = '1' SR2 = '1' SR4 = '1' SR3 = '1' SR1 = '1' Yes Yes No Yes No No No SR6 = '1' Yes No SR5 = '1' No No Program Suspend See Suspend /Resume Flowchart Erase Suspend See Suspend /Resume Flowchart Error Command Sequence Yes Yes Yes Error Erase Failure Error Program Failure Error VPEN/PP < VPENLK/PPLK Error Block Locked -Set by WSM - Reset by user - See Clear Status Register Command - Set/Reset by WSM SR4 = '1' Yes No End Command Cycle - Issue Status Register Command - Address = any device address - Data = 0x70 Data Cycle - Read Status Register SR[7:0] |