データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLUX385ATR データシート(PDF) 52 Page - STMicroelectronics

部品番号 STLUX385ATR
部品情報  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR データシート(HTML) 52 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 48Page - STMicroelectronics STLUX385ATR Datasheet HTML 49Page - STMicroelectronics STLUX385ATR Datasheet HTML 50Page - STMicroelectronics STLUX385ATR Datasheet HTML 51Page - STMicroelectronics STLUX385ATR Datasheet HTML 52Page - STMicroelectronics STLUX385ATR Datasheet HTML 53Page - STMicroelectronics STLUX385ATR Datasheet HTML 54Page - STMicroelectronics STLUX385ATR Datasheet HTML 55Page - STMicroelectronics STLUX385ATR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
Interrupt table
STLUX385A
52/98
DocID024387 Rev 2
28
RFU
Reserved future use
8078h
29
RFU
Reserved future use
807Ch
1.
P0[x] may be configured to generate an NMI request.
2.
P0[x] may be configured to generate an IRQ request.
Table 28. Interrupt vector exception table (continued)
Priority
Source
block
Description
Wakeup
from Halt
Wakeup from
active-halt
Interrupt vector
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99