| データシートサーチシステム |
|
STLUX385ATR データシート(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLUX385ATR データシート(HTML) 93 Page - STMicroelectronics |
|
93 / 99 page ![]() DocID024387 Rev 2 93/98 STLUX385A Package mechanical data 12 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK ® packages, depending on their level of environmental compliance. ECOPACK ® specifications, grade definitions and product status are available at: www.st.com. ECOPACK ® is an ST trademark. Table 60. TSSOP38 mechanical data Dim. mm Min. Typ. Max. A 1.20 A1 0.05 0.15 A2 0.80 1.00 1.05 b0.17 0.27 c0.09 0.20 D 9.60 9.70 9.80 E 6.20 6.40 6.60 E1 4.30 4.40 4.50 e0.50 L 0.45 0.60 0.75 L1 1.00 k0 8 aaa 0.10 |