| データシートサーチシステム |
|
STLUX385ATR データシート(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLUX385ATR データシート(HTML) 69 Page - STMicroelectronics |
|
69 / 99 page ![]() DocID024387 Rev 2 69/98 STLUX385A Electrical characteristics 10.1.5 Loading capacitors The loading conditions used for pin parameter measurement are shown in the following picture: Figure 10. Pin loading conditions 10.1.6 Pin output voltage The input voltage measurement on a pin is described in the following picture. Figure 11. Pin input voltage GIPD090520131536FSR 50 pF GIPD090520131542FSR VIN |